PART |
Description |
Maker |
LT3493EDCB LT3493EDCB-PBF LT3493EDCB-TR LT3493EDCB |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
EUP2624A |
750kHz/1.2MHz Step-up DC/DC Converter
|
Eutech Microelectronics Inc
|
LT3493EDCB LT3493EDCB-PBF LT3493EDCB-TR LT3493EDCB |
1.2A, 750kHz Step-Down Switching Regulator in 2mm 】 3mm DFN
|
Linear Technology
|
PLL502-39UQC PLL502-39UQC-R PLL502-39UQI-R |
750kHz - 800MHz Low Phase Noise Multiplier VCXO
|
PhaseLink Corporation
|
PL502-35OC PL502-35OC-R |
750kHz ?800MHz Low Phase Noise Multiplier VCXO
|
Micrel Semiconductor
|
AZ34063P AZ34063MTR-E1 AZ34063P-E1 AZ34063 AZ34063 |
0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 0.8A STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
BD9300FV-E2 |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
ROHM
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
AN8018SA AN8018 |
1.8-volt 2-channel step-up, step-down, or inverting DC-DC converter control IC
|
PANASONIC[Panasonic Semiconductor]
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
ILC6360 ILC6360CIR-36 ILC6360CIR-ADJ |
STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
|
IMPALA[Impala Linear Corporation]
|